Part Number Hot Search : 
2SK2672 MC3346 78L08 R16V2 MSZ52 4004AT 2N5301 321EJ1V
Product Description
Full Text Search
 

To Download MAX4355ECQ-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  max4355 16 x 16 nonblocking video crosspoint switch with i/o buffers ________________________________________________________________ maxim integrated products 1 ordering information out0 out1out15 in0 cameras in1 in15 monitor monitor monitor max4355 max4355 16 x 16 switch matrix power-on reset serial interface thermal shutdown decode logic disable all outputs latches 256 16 16 matrix register 96 bits update register 16 bits enable/disable a v * a v * a v * a v * *a v = +1v/v or +2v/v a0?3 mode in0in1 in2 in15 din sclk update ce reset out0out1 out2 out15 v cc v ee dgnd v dd doutaout agnd typical operating circuit functional diagram 19-2208; rev 0; 10/01 for pricing, delivery, and ordering information, please contact maxim/dallas direct! at 1-888-629-4642, or visit maxim? website at www.maxim-ic.com. part temp. range pin-package max4355ecq -40 c to +85 c 100 tqfp spi and qspi are trademarks of motorola, inc. pin configuration appears at end of data sheet. general description the max4355 is a 16 ? 16 highly integrated video crosspoint switch matrix with input and output buffers.this device operates from dual ?v to ?v supplies or from a single +5v supply. digital logic is supplied from an independent single +2.7v to +5.5v supply. all inputs and outputs are buffered, with all outputs able to drive standard 75 reverse-terminated video loads. the switch matrix configuration and output buffer gainare programmed through an spi /qspi -compatible, 3-wire serial interface and initialized with a singleupdate signal. the unique serial interface operates in two modes facilitating both fast updates and initializa- tion. on power-up, all outputs are initialized in the dis- abled state to avoid output conflicts in large-array configurations. superior flexibility, high integration, and space-saving packaging make this nonblocking switch matrix ideal for routing video signals in security and video-on- demand systems. the max4355 is available in a 100-pin tqfp package and specified over an extended -40? to +85? tem- perature range. applications security systemsvideo routing video-on-demand systems features ? 16 ? 16 nonblocking matrix with buffered inputs and outputs ? operates from ?v, ?v, or +5v supplies ? individually programmable output buffer gain(a v = +1v/v or +2v/v) ? high-impedance output disable for wired-orconnections ? 0.1db gain flatness to 14mhz ? -62db crosstalk, -110db isolation at 6mhz ? 0.02%/0.12 differential gain/differential phase error ? low 195mw power consumption (0.76mw perpoint) downloaded from: http:///
max4355 16 x 16 nonblocking video crosspoint switch with i/o buffers 2 _______________________________________________________________________________________ absolute maximum ratings dc electrical characteristics?ual supplies ?v(v cc = +5v, v ee = -5v, v dd = +5v, agnd = dgnd = 0, v in _ = 0, r l = 150 to agnd, and t a = t min to t max , unless otherwise noted. typical values are at t a = +25?.) stresses beyond those listed under ?bsolute maximum ratings?may cause permanent damage to the device. these are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. analog supply voltage (v cc - v ee ) .....................................+11v digital supply voltage (v dd - dgnd) ...................................+6v analog supplies to analog ground (v cc - agnd) and (agnd - v ee ) ......................................+6v analog ground to digital ground .........................-0.3v to +0.3v in_ voltage range .......................... (v cc + 0.3v) to (v ee - 0.3v) out_ short-circuit duration to agnd, v cc , or v ee ......indefinite sclk, ce , update , mode, a_, din, dout, reset , aout .........................(v dd + 0.3v) to (dgnd - 0.3v) current into any analog input pin (in_) ...........................?0ma current into any analog output pin (out_).....................?5ma continuous power dissipation (t a = +70?) 100-pin tqfp (derate 22.2mw/? above +70?).....1777mw operating temperature range ...........................-40? to +85? junction temperature ......................................................+150? storage temperature range .............................-65? to +150? lead temperature (soldering, 10s) ................................ +300? parameter symbol conditions min typ max units operating supply voltagerange v cc - v ee guaranteed by psrr test 4.5 10.5 v logic-supply voltage range v dd to dgnd 2.7 5.5 v (v ee + 2.5v) < v in _ < (v cc - 2.5v), a v = +1v/v, r l = 150 0.97 0.995 1 (v ee + 2.5v) < v in _ < (v cc - 2.5v), a v = +1v/v, r l = 10k 0.99 0.999 1 (v ee + 3.75v) < v in _ < (v cc - 3.75v), a v = +2v/v, r l = 150 1.92 1.996 2.08 (v ee + 3.75v) < v in _ < (v cc - 3.75v), a v = +2v/v, r l = 10k 1.94 2.008 2.06 gain (note 1) a v (v ee + 1v) < v in _ < (v cc - 1.2v), a v = +1v/v, r l = 10k 0.95 0.994 1 v/v r l = 10k 0.5 1.5 gain matching (channel to channel) r l = 150 0.5 2 % downloaded from: http:///
max4355 16 x 16 nonblocking video crosspoint switch with i/o buffers _______________________________________________________________________________________ 3 dc electrical characteristics dual supplies ?v (continued) (v cc = +5v, v ee = -5v, v dd = +5v, agnd = dgnd = 0, v in _ = 0, r l = 150 to agnd, and t a = t min to t max , unless otherwise noted. typical values are at t a = +25 c.) parameter symbol conditions min typ max units temperature coefficient ofgain tc av 10 ppm/ c r l = 10k v e e + 1 v c c - 1.2 a v = +1v/v r l = 150 v e e + 2.5 v c c - 2.5 r l = 10k v e e + 3 v c c - 3.1 input voltage range v in _ a v = +2v/v r l = 150 v e e + 3.75 v c c - 3.75 v r l = 10k v e e + 1 v c c - 1.2 v output voltage range v out r l = 150 v e e + 2.5 v c c - 2.5 v input bias current i b 4 11 ? input resistance r in _ (v ee + 1v) < v in _ < (v cc - 1.2v) 10 m a v = +1v/v ? ?0 output offset voltage v offset a v = +2v/v ?0 ?0 mv output short-circuit current i sc sinking or sourcing, r l = 1 ?0 ma enabled output impedance z out (v ee + 1v) < v in _ < (v cc - 1.2v) 0.2 output leakage current,disable mode i od (v ee + 1v) < v out _ < (v cc - 1.2v) 0.004 1 ? dc power-supply rejectionratio psrr 4.5v < (v cc - v ee ) < 10.5v 60 70 db outputs enabled,t a = +25 c 100 150 outputs enabled 175 i cc r l = outputs disabled 55 75 outputs enabled,t a = +25 c 95 150 outputs enabled 175 i ee r l = outputs disabled 50 75 quiescent supply current i dd 4 8 ma downloaded from: http:///
max4355 16 x 16 nonblocking video crosspoint switch with i/o buffers 4 _______________________________________________________________________________________ dc electrical characteristics dual supplies ?v (v cc = +3v, v ee = -3v, v dd = +3v, agnd = dgnd = 0, v in _ = 0, r l = 150 to agnd, and t a = t min to t max , unless otherwise noted. typical values are at t a = +25 c.) parameter symbol conditions min typ max units operating supply voltagerange v cc - v ee guaranteed by psrr test 4.5 10.5 v logic-supply voltage range v dd to dgnd 2.7 5.5 v (v ee + 1v) < v in _ < (v cc - 1.2v), a v = +1v/v, r l = 150 0.94 0.983 1 (v ee + 1v) < v in _ < (v cc - 1.2v), a v = +1v/v, r l = 10k 0.96 0.993 1 (v ee + 2v) < v in _ < (v cc - 2.1v), a v = +2v/v, r l = 150 1.92 1.985 2.08 gain (note 1) a v (v ee + 2v) < v in _ < (v cc - 2.1v), a v = +2v/v, r l = 10k 1.94 2.000 2.06 v/v r l = 10k 0.5 1.5 gain matching (channel to channel) r l = 150 0.5 2 % temperature coefficient ofgain tc av 10 ppm/ c r l = 10k v ee + 1 v cc - 1.2 a v = +1v/v r l = 150 v ee + 1 v cc - 1.2 r l = 10k v ee + 2 v cc - 2.1 input voltage range v in _ a v = +2v/v r l = 150 v ee + 2 v cc - 2.1 v r l = 10k v ee + 1 v cc - 1.2 output voltage range v out r l = 150 v ee + 1 v cc - 1.2 v input bias current i b 4 11 ? input resistance r in (v ee + 1v) < v in _ < (v cc - 1.2v) 10 m a v = +1v/v ? ?0 output offset voltage v offset a v = +2v/v ?0 ?0 mv downloaded from: http:///
max4355 16 x 16 nonblocking video crosspoint switch with i/o buffers _______________________________________________________________________________________ 5 dc electrical characteristics dual supplies ?v (continued) (v cc = +3v, v ee = -3v, v dd = +3v, agnd = dgnd = 0, v in _ = 0, r l = 150 to agnd, and t a = t min to t max , unless otherwise noted. typical values are at t a = +25 c.) parameter symbol conditions min typ max units output short-circuit current i sc sinking or sourcing, r l = 1 ?0 ma enabled output impedance z out (v ee + 1v) < v in _ < (v cc - 1.2v) 0.2 output leakage current,disable mode i od (v ee + 1v) < v out _ < (v cc - 1.2v) 0.004 1 ? dc power-supply rejectionratio psrr 4.5v < (v cc - v ee ) < 10.5v 60 75 db outputs enabled 80 i cc r l = outputs disabled 40 outputs enabled 75 i ee r l = outputs disabled 35 quiescent supply current i dd 4 ma dc electrical characteristics single supply +5v (v cc = +5v, v ee = 0, v dd = +5v, agnd = dgnd = 0, v in _ = +1.75v, a v = +1v/v, r l = 150 to agnd, and t a = t min to t max , unless otherwise noted. typical values are at t a = +25 c.) parameter symbol conditions min typ max units operating supply voltagerange v cc guaranteed by psrr test 4.5 5.5 v logic-supply voltage range v dd to dgnd 2.7 5.5 v (v ee + 1v) < v in < (v cc - 2.5v), a v = +1v/v, r l = 150 0.94 0.995 1 gain (note 1) a v (v ee + 1v) < v in < (v cc - 1.2v), a v = +1v/v, r l = 10k 0.94 0.995 1 v/v r l = 10k 0.5 3 gain matching (channel to channel) r l = 150 0.5 3 % temperature coefficient of gain tc av 10 ppm/ c r l = 10k v ee + 1 v cc - 1.2 input voltage range v in a v = +1v/v r l = 150 v ee + 1 v cc - 2.5 v downloaded from: http:///
max4355 16 x 16 nonblocking video crosspoint switch with i/o buffers 6 _______________________________________________________________________________________ dc electrical characteristics single supply +5v (continued) (v cc = +5v, v ee = 0, v dd = +5v, agnd = dgnd = 0, v in _ = +1.75v, a v = +1v/v, r l = 150 to agnd, and t a = t min to t max , unless otherwise noted. typical values are at t a = +25 c.) parameter symbol conditions min typ max units a v = +1v/v, r l = 10k v ee + 1 v cc - 1.2 output voltage range v out a v = +1v/v, r l = 150 v ee + 1 v cc - 2.5 v input bias current i b 4 11 ? input resistance r in v ee + 1v < v in _ < v cc - 1.2v 10 m output offset voltage v offset a v = +1v/v ?0 ?0 mv output short-circuit current i sc sinking or sourcing, r l = 1 ?5 ma enabled output impedance z out (v ee + 1v) < v in _ < (v cc - 1.2v) 0.2 output leakage current,disable mode i od (v ee + 1v) < v out _ < (v cc - 1.2v) 0.004 1 ? t a = +25 c to +85 c 50 65 dc power-supply rejectionratio psrr 4.5v < (v cc - v ee ) < 5.5v t a = -40 c to +85 c 35 db outputs enabled, t a = +25 c 80 i cc r l = outputs disabled 35 outputs enabled, t a = +25 c 75 i ee r l = outputs disabled 30 quiescent supply current i dd 4 ma downloaded from: http:///
max4355 16 x 16 nonblocking video crosspoint switch with i/o buffers _______________________________________________________________________________________ 7 logic-level characteristics(v cc - v ee) = +4.5v to +10.5v, v dd = +2.7v to +5.5v, agnd = dgnd = 0, v in _ = 0, r l = 150 to agnd, and t a = t min to t max , unless otherwise noted. typical values are at t a = +25 c.) (note 2) parameter symbol conditions min typ max units v dd = +5.0v 3 input voltage high level v ih v dd = +3v 2 v v dd = +5.0v 0.8 input voltage low level v il v dd = +3v 0.6 v excluding reset -1 0.01 1 input current high level i ih v i > 2v reset -30 -20 ? excluding reset -1 0.01 1 input current low level i il v i < 1v reset -300 -235 ? i source = 1ma, v dd = +5v 4.7 4.9 output voltage high level v oh i source = 1ma, v dd = +3v 2.7 2.9 v i sink = 1ma, v dd = +5v 0.1 0.3 output voltage low level v ol i sink = 1ma, v dd = +3v 0.1 0.3 v v dd = +5v, v o = +4.9v 1 4 output current high level i oh v dd = +3v, v o = +2.7v 1 8 ma v dd = +5v, v o = +0.1v 1 4 output current low level i ol v dd = +3v, v o = +0.3v 1 8 ma ac electrical characteristics dual supplies ?v (v cc = +5v, v ee = -5v, v dd = +5v, agnd = dgnd = 0, v in _ = 0, r l = 150 to agnd, and t a = +25 c, unless otherwise noted.) parameter symbol conditions min typ max units a v = +1v/v 110 small-signal -3db bandwidth bw ss v out = 20mvp-p a v = +2v/v 78 mhz a v = +1v/v 80 medium-signal -3db bandwidth bw ms v out _ = 200mvp-p a v = +2v/v 75 mhz a v = +1v/v 40 large-signal -3db bandwidth bw ls v out _ = 2vp-p a v = +2v/v 50 mhz a v = +1v/v 14 small-signal 0.1db bandwidth bw 0.1db-ss v out = 20mvp-p a v = +2v/v 11 mhz a v = +1v/v 14 medium-signal 0.1dbbandwidth bw 0.1db-ms v out _ = 200mvp-p a v = +2v/v 11 mhz a v = +1v/v 14 large-signal 0.1db bandwidth bw 0.1db-ls v out _ = 2vp-p a v = +2v/v 11 mhz v out _ = 2v step, a v = +1v/v 150 slew rate sr v out _ = 2v step, a v = +2v/v 150 v/? downloaded from: http:///
max4355 16 x 16 nonblocking video crosspoint switch with i/o buffers 8 _______________________________________________________________________________________ ac electrical characteristics dual supplies ?v (continued) (v cc = +5v, v ee = -5v, v dd = +5v, agnd = dgnd = 0, v in _ = 0, r l = 150 to agnd, a v = +1v/v, and t a = +25 c, unless other- wise noted.) parameter symbol conditions min typ max units a v = +1v/v 60 settling time t s 0.1% v out_ = 0 to 2v step a v = +2v/v 60 ns a v = +1v/v 50 switching transient (glitch) (note 3) a v = +2v/v 45 mv f = 100khz 70 ac power-supply rejectionratio f = 1mhz 68 db r l = 1k 0.002 differential gain error(note 4) r l = 150 0.02 % r l = 1k 0.02 differential phase error(note 4) r l = 150 0.12 d eg r ees crosstalk, all hostile f = 6mhz -62 db off-isolation, input to output f = 6mhz -110 db input noise voltage density e n bw = 6mhz 73 ? rms input capacitance c in 5 pf disabled outputcapacitance amplifier in disable mode 3 pf capacitive load at 3dboutput peaking 30 pf output enabled 3 output impedance z out f = 6mhz output disabled 4k ac electrical characteristics dual supplies ?v (v cc = +3v, v ee = -3v, v dd = +3v, agnd = dgnd = 0, v in _= 0, r l = 150 to agnd, a v = +1v/v, and t a = +25 c, unless other- wise noted.) parameter symbol conditions min typ max units a v = +1v/v 110 small-signal -3db bandwidth bw ss v out_ = 20mvp-p a v = +2v/v 70 mhz a v = +1v/v 110 medium-signal -3dbbandwidth bw ms v out_ = 200mvp-p a v = +2v/v 70 mhz a v = +1v/v 32 large-signal -3db bandwidth bw ls v out_ = 2vp-p a v = +2v/v 38 mhz a v = +1v/v 12 small-signal 0.1db bandwidth bw 0.1db-ss v out_ = 20mvp-p a v = +2v/v 12 mhz a v = +1v/v 12 medium-signal 0.1dbbandwidth bw 0.1db-ms v out_ = 200mvp-p a v = +2v/v 12 mhz a v = +1v/v 12 large-signal 0.1db bandwidth bw 0.1db-ls v out_ = 2vp-p a v = +2v/v 12 mhz downloaded from: http:///
max4355 16 x 16 nonblocking video crosspoint switch with i/o buffers _______________________________________________________________________________________ 9 ac electrical characteristics dual supplies ?v (continued) (v cc = +3v, v ee = -3v, v dd = +3v, agnd = dgnd = 0, v in _ = 0, r l = 150 to agnd, a v = +1v/v, and t a = +25 c, unless other- wise noted.) parameter symbol conditions min typ max units v out_ = 2v step, a v = +1v/v 125 slew rate sr v out_ = 2v step, a v = +2v/v 125 v/? a v = +1v/v 60 settling time t s 0.1% v o = 0 to 2v step a v = +2v/v 60 ns a v = +1v/v 20 switching transient (glitch)(note 3) a v = +2v/v 20 mv f = 100khz 72 ac power-supply rejectionratio f = 1mhz 71 db r l = 1k 0.02 differential gain error(note 4) r l = 150 0.15 % r l = 1k 0.05 differential phase error(note 4) r l = 150 0.2 d eg r ees crosstalk, all hostile f = 6mhz -63 db off-isolation, input to output f = 6mhz -112 db input noise voltage density e n bw = 6mhz 73 ? rms input capacitance c in_ 5 pf disabled output capacitance amplifier in disable mode 3 pf capacitive load at 3dboutput peaking 30 pf output enabled 3 output impedance z out f = 6mhz output disabled 4k downloaded from: http:///
max4355 16 x 16 nonblocking video crosspoint switch with i/o buffers 10 ______________________________________________________________________________________ ac electrical characteristics single supply +5v (v cc = +5v, v ee = 0, v dd = +5v, agnd = dgnd = 0, v in _ = 1.75v, r l = 150 to agnd, a v = +1v/v, and t a = +25 c, unless oth- erwise noted.) parameter symbol conditions min typ max units small-signal -3dbbandwidth bw ss v out_ = 20mvp-p 100 mhz medium-signal -3dbbandwidth bw ms v out_ = 200mvp-p 100 mhz large-signal -3dbbandwidth bw ls v out_ = 1.5vp-p 40 mhz small-signal 0.1dbbandwidth bw 0.1db-ss v out _ = 20mvp-p 10 mhz medium-signal 0.1dbbandwidth bw 0.1db-ms v out_ = 200mvp-p 12 mhz large-signal 0.1dbbandwidth bw 0.1db-ls v out_ = 1.5vp-p 14 mhz slew rate sr v out_ = 2v step, a v = +1v/v 100 v/? settling time t s 0.1% v out _ = 0 to 2v step 60 ns switching transient(glitch) 25 mv f = 100khz 70 ac power-supplyrejection ratio f = 1mhz 69 db r l = 1k 0.1 differential gain error (note 4) r l = 150 0.2 % r l = 1k 0.05 differential phase error(note 4) r l = 150 0.2 d eg r ees crosstalk, all hostile f = 6mhz -63 db off-isolation, input toout p ut f = 6mhz -110 db input noise voltagedensit y e n bw = 6mhz 73 ? rms input capacitance c in_ 5 pf disabled outputcapacitance amplifier in disable mode 3 pf capacitive load at 3dboutput peaking 30 pf output enabled 3 output impedance z out f = 6mhz output disabled 4k downloaded from: http:///
max4355 16 x 16 nonblocking video crosspoint switch with i/o buffers ______________________________________________________________________________________ 11 switching characteristics((v cc - v ee ) = +4.5v to +10.5v, v dd = +2.7v to +5.5v, dgnd = agnd = 0, v in _ = 0 for dual supplies, v in _ = +1.75v for single supply, r l = 150 to agnd, c l = 100pf, a v = +1v/v, and t a = t min to t max , unless otherwise noted. typical values are at t a = +25 c.) parameter symbol conditions min typ max units delay: update to video out t pdudvo v in = 0.5v step 200 450 ns delay: update to aout t pdudao mode = 0, time to aout = low after update = low 30 200 ns delay: sclk to dout valid t pddo logic state change in dout on activesclk edge 30 200 ns delay: output disable t pdhoe v out = 0.5v, 1k pulldown to agnd 300 800 ns delay: output enable t pdloe output disabled, 1k pulldown to agnd, v in = 0.5v 200 800 ns setup: ce to sclk t suce 100 ns setup: din to sclk t sudi 100 ns hold time: sclk to din t hddi 100 ns minimum high time: sclk t mnhck 100 ns minimum low time: sclk t mnlck 100 ns minimum low time: update t mnlud 100 ns setup time: update to sclk t suhud rising edge of update to falling edge of sclk 100 ns hold time: sclk to update t hdhud falling edge of sclk to falling edge ofupdate 100 ns setup time: mode to sclk t sumd minimum time from clock edge to modewith valid data clocking 100 ns hold time: mode to sclk t hdmd minimum time from clock edge to modewith valid data clocking 100 ns minimum low time: reset t mnlrst 300 ns delay: reset t pdrst 10k pulldown to agnd, 0.5v step 600 ns note 1: associated output voltage may be determined by multiplying the input voltage by the specified gain (a v ) and adding output offset voltage. note 2: logic-level characteristics apply to the following pins: din, dout, sclk, ce , update , reset , a3 a0, mode, and aout . note 3: switching transient settling time is guaranteed by the settling time (t s ) specification. switching transient is a result of updat- ing the switch matrix. note 4: input test signal: 3.58mhz sine wave of amplitude 40ire superimposed on a linear ramp (0 to 100ire). ire is a unit ofvideo-signal amplitude developed by the international radio engineers: 140ire = 1.0v. note 5: all devices are 100% production tested at t a = +25 c. specifications over temperature limits are guaranteed by design. downloaded from: http:///
max4355 16 x 16 nonblocking video crosspoint switch with i/o buffers 12 ______________________________________________________________________________________ symbol type description ao signal address valid flag( aout ) ce signal clock enable ( ce ) ck signal clock (sclk) di signal serial data in (din) do signal serial data output(dout) md signal mode oe signal output enable rst signal reset input ( reset ) ud signal update vo signal video out (out) h property high- or low-to-hightransition hd property hold l property low- or high-to-lowtransition mn property minimum mx property maximum pd property propagation delay su property setup tr property transition w property width symbol definitions naming conventions all parameters with time units are given a "t" desig-nation, with appropriate subscript modifiers. propagation delays for clocked signals are from theactive edge of clock. propagation delay for level-sensitive signals is frominput to output at the 50% point of a transition. setup and hold times are measured from the 50%point of signal transition to the 50% point of the clocking signal transition. setup time refers to any signal that must be stablebefore the active clock edge, even if the signal is not latched or clocked itself. hold time refers to any signal that must be stableduring and after active clock edge, even if the sig- nal is not latched or clocked. propagation delays to unobservable internal signalsare modified to setup and hold designations applied to observable i/o signals. downloaded from: http:///
max4355 16 x 16 nonblocking video crosspoint switch with i/o buffers ______________________________________________________________________________________ 13 data and control timing ce: cedi: din do: dout ud: update vo: out_ rst: reset oe: output enable ao: aout t suce t hdce t mnhck t mnlck t sudi t hddi t pddo t hdud t mnlud t suud hi-z t pdudvo t wtrvo t pdudao t pdrstvo t mnlrst t pdhoevo t pdloevo hi-z timing parameter definitions name description t pdudvo delay: update to video out t pdudao delay: update to aout t pddo delay: clk to data out t pdhoevo delay: output enable to video output(high: disable) t pdloevo delay: output enable to video output(low: enable) t suce setup: clock enable to clock t sudi setup time: data in to clock timing parameter definitions name description t hddi hold time: clock to data in t mnhck min high time: clk t mnlck min low time: clk t mnlud min low time: update t suhud setup time: update to clk with update high not valid setup time: update to clk with update low t hdhud hold time: clk to update with update high not valid hold time: clk to update with update low t pddido asynchronous delay: data in to data out t mnmd min low time: mode t mxtr max rise time: clk, update t mnlrst min low time: reset t pdrstvo delay: reset to video output ck: sclk figure 1. timing diagram downloaded from: http:///
max4355 16 x 16 nonblocking video crosspoint switch with i/o buffers 14 ______________________________________________________________________________________ typical operating characteristics?ual supplies ?v (v cc = +5v and v ee = -5v, v dd = +5v, agnd = dgnd = 0, v in_ = 0, r l = 150 to agnd, and t a = +25 c, unless otherwise noted.) 3 -7 0.1 1 10 100 1000 large-signal frequency response -5 max4355 toc01 frequency (mhz) normalized gain (db) -3 -1 10 -2-4 -6 2 r l = 150 a v = +2v/v a v = +1v/v 3 -7 0.1 1 10 100 1000 medium-signal frequency response -5 max4355 toc02 frequency (mhz) normalized gain (db) -3 -1 10 -2-4 -6 2 r l = 150 a v = +1v/v a v = +2v/v 3 -7 0.1 1 10 100 1000 small-signal frequency response -5 max4355 toc03 frequency (mhz) normalized gain (db) -3 -1 10 -2-4 -6 2 r l = 150 a v = +1v/v a v = +2v/v 3 -7 0.1 1 10 100 1000 large-signal frequency response -5 max4355 toc04 frequency (mhz) normalized gain (db) -3 -1 10 -2-4 -6 2 r l = 1k a v = +1v/v a v = +2v/v 3 -7 0.1 1 10 100 1000 medium-signal frequency response -5 max4355 toc05 frequency (mhz) normalized gain (db) -3 -1 10 -2-4 -6 2 r l = 1k a v = +2v/v a v = +1v/v 3 -7 0.1 1 10 100 1000 small-signal frequency response -5 max4355 toc06 frequency (mhz) normalized gain (db) -3 -1 10 -2-4 -6 2 r l = 1k a v = +1v/v a v = +2v/v 0.3 -0.7 0.1 1 10 100 1000 large-signal gain flatness vs. frequency -0.5 max4355 toc07 frequency (mhz) normalized gain (db) -0.3 -0.1 0.1 0 -0.2-0.4 -0.6 0.2 a v = +1v/v a v = +2v/v r l = 150 0.3 -0.7 0.1 1 10 100 1000 large-signal gain flatness vs. frequency -0.5 max4355 toc08 frequency (mhz) normalized gain (db) -0.3 -0.1 0.1 0 -0.2-0.4 -0.6 0.2 a v = +1v/v a v = +2v/v r l = 1k 3 -7 0.1 1 10 100 1000 large-signal frequency response (a v = +1v/v) -5 max4355 toc09 frequency (mhz) normalized gain (db) -3 -1 10 -2-4 -6 2 r l = 150 c l = 30pf c l = 15pf c l = 45pf downloaded from: http:///
max4355 16 x 16 nonblocking video crosspoint switch with i/o buffers ______________________________________________________________________________________ 15 typical operating characteristics?ual supplies ?v (continued) (v cc = +5v and v ee = -5v, v dd = +5v, agnd = dgnd = 0, v in_ = 0, r l = 150 to agnd, and t a = +25 c, unless otherwise noted.) 3 -7 0.1 1 10 100 1000 large-signal frequency response (a v = +2v/v) -5 max4355 toc10 frequency (mhz) normalized gain (db) -3 -1 10 -2-4 -6 2 r l = 150 c l = 30pf c l = 15pf c l = 45pf 0.1 10 1 100 1000 medium-signal frequency response (a v = +1v/v) max4355 toc11 frequency (mhz) normalized gain (db) -10 -5 50 10 15 c l = 45pf c l = 15pf c l = 30pf 7 -3 0.1 1 10 100 1000 medium-signal frequency response (a v = +2v/v) -1 max4355 toc12 frequency (mhz) normalized gain (db) 1 3 54 2 0 -2 6 c l = 15pf c l = 45pf c l = 30pf -40 -100 0.1 10 100 1 1000 max4355 toc13 frequency (mhz) crosstalk (db) -90 -80 -70 -60 -50 crosstalk vs. frequency a v = +1v/v -40 -100 0.1 10 100 1 1000 max4355 toc14 frequency (mhz) crosstalk (db) -90 -80 -70 -60 -50 crosstalk vs. frequency a v = +2v/v -10 -100 0.1 100 10 1 distortion vs. frequency -70-90 -30-50 0 -60-80 -20-40 max4355 toc15 frequency (mhz) distortion (dbc) a v = +1v/v 2nd harmonic 3rd harmonic -10 -100 0.1 100 10 1 distortion vs. frequency -70-90 -30-50 0 -60-80 -20-40 max4355 toc16 frequency (mhz) distortion (dbc) a v = +2v/v 2nd harmonic 3rd harmonic 0.1 10 1 100 1000 enabled output impedance vs. frequency max4355 toc17 frequency (mhz) output impedance ( ) 1000 -0.1 1 10 100 1m 1 100k 10m 100m 1m 1g max4355 toc18 frequency (hz) output impedance ( ) 10 100 1k 10k 100k disabled output impedance vs. frequency downloaded from: http:///
max4355 16 x 16 nonblocking video crosspoint switch with i/o buffers 16 ______________________________________________________________________________________ typical operating characteristics?ual supplies ?v (continued) (v cc = +5v and v ee = -5v, v dd = +5v, agnd = dgnd = 0, v in_ = 0, r l = 150 to agnd, and t a = +25 c, unless otherwise noted.) -40-50 -60 -70 -80 -90 -100-110 -120 100k 10m 100m 1m 1g max4355 toc19 frequency (hz) off-isolation (db) off-isolation vs. frequency 10k 1m 100k 10m 100m power-supply rejection ratio vs. frequency max4355 toc20 frequency (hz) psrr (db) -75 -70 -60-65 -55 -50 1000 1 10 10k 100k 1m 100 1k 10m input voltage noise vs. frequency 100 max4355 toc21 frequency (hz) voltage noise (nv/ hz) 25ns/div large-signal pulse response (a v = +1v/v) input 1v/div output 0.5v/div max4355 toc22 25ns/div large-signal pulse response (a v = +2v/v) input 0.5v/div output 0.5v/div max4355 toc23 25ns/div medium-signal pulse response (a v = +1v/v) input 100mv/div output 50mv/div max4355 toc24 25ns/div medium-signal pulse response (a v = +2v/v) input 50mv/div output 50mv/div max4355 toc25 20ns/div switching time (a v = +1v/v) v update 5v/div v out 500mv/div max4355 toc26 20ns/div switching time (a v = +2v/v) v update 5v/div v out 1v/div max4355 toc27 downloaded from: http:///
max4355 16 x 16 nonblocking video crosspoint switch with i/o buffers ______________________________________________________________________________________ 17 typical operating characteristics?ual supplies ?v (continued) (v cc = +5v and v ee = -5v, v dd = +5v, agnd = dgnd = 0, v in_ = 0, r l = 150 to agnd, and t a = +25 c, unless otherwise noted.) 20ns/div switching transient (glitch) (a v = +1v/v) v update 5v/div v out 25mv/div max4355 toc28 20ns/div switching transient (glitch) (a v = +2v/v) v update 5v/div v out 25mv/div max4355 toc29 0 100 50 200150 250 300 -15 -11 -9 -7 -13 -5 -3 -1 1 3 5 offset voltage distribution max4355 toc30 offset voltage (mv) -0.05 0102030405060708090100 0102030405060708090100 differential gain and phase (r l = 150 ) 0 0 -0.02 0.05 0.02 0.04 0.10 0.06 0.08 0.15 ire differential phase ( ) differential gain (%) max4355 toc31 0.01 0 0102030405060708090100 0102030405060708090100 differential gain and phase (r l = 1k ) -0.004 0.02 -0.002 0 0.002 0.004 0.03 ire differential gain (%) max4355 toc32 -0.01 differential phase ( ) 25ns/div large-signal pulse response with capacitive load (c l = 30pf, a v = +1v/v) input 1v/div output 0.5/vdiv max4355 toc33 25ns/div large-signal pulse response with capacitive load (c l = 30pf, a v = +2v/v) input 0.5v/div output 0.5v/div max4355 toc34 25ns/div medium-signal pulse response with capacitive load (c l = 30pf, a v = +1v/v) input 100mv/div output 50mv/div max4355 toc35 25ns/div medium-signal pulse response with capacitive load (c l = 30pf, a v = +2v/v) input 50mv/div output 50mv/div max4355 toc36 downloaded from: http:///
max4355 16 x 16 nonblocking video crosspoint switch with i/o buffers 18 ______________________________________________________________________________________ typical operating characteristics?ual supplies ?v (continued) (v cc = +5v and v ee = -5v, v dd = +5v, agnd = dgnd = 0, v in_ = 0, r l = 150 to agnd, and t a = +25 c, unless otherwise noted.) -0.20 -0.15 -0.10 -0.05 0 0.05 0.10 0.15 0.20 -50 0 -25 25 50 75 100 gain vs. temperature max4355 toc37 temperature ( c) normalized gain (db) a v = +2v/v a v = +1v/v 1p 10n 1 100p 10p 1n 100n 10 100 max4355 toc38 10n 10 1 100n 100 1m 10m 100m 10 1 reset delay (s) c reset (f) reset delay vs. reset capacitance 0 2010 4030 6050 70 -50 0 25 -25 50 75 100 supply current vs. temperature max4355 toc39 temperature ( c) supply current (ma) i cc i ee i dd downloaded from: http:///
max4355 16 x 16 nonblocking video crosspoint switch with i/o buffers ______________________________________________________________________________________ 19 typical operating characteristics?ual supplies ?v (v cc = +3v and v ee = -3v, v dd = +3v, agnd = dgnd = 0, v in_ = 0, r l = 150 to agnd, and t a = +25 c, unless otherwise noted.) 3 -7 0.1 1 10 100 1000 large-signal frequency response -5 max4355 toc40 frequency (mhz) normalized gain (db) -3 -1 10 -2-4 -6 2 r l = 150 a v = +1v/v a v = +2v/v 3 -7 0.1 1 10 100 1000 medium-signal frequency response -5 max4355 toc41 frequency (mhz) normalized gain (db) -3 -1 10 -2-4 -6 2 r l = 150 a v = +1v/v a v = +2v/v 3 -7 0.1 1 10 100 1000 small-signal frequency response -5 max4355 toc42 frequency (mhz) normalized gain (db) -3 -1 10 -2-4 -6 2 r l = 150 a v = +1v/v a v = +2v/v 3 -7 0.1 1 10 100 1000 large-signal frequency response -5 max4355 toc43 frequency (mhz) normalized gain (db) -3 -1 10 -2-4 -6 2 r l = 1k a v = +2v/v a v = +1v/v 3 -7 0.1 1 10 100 1000 medium-signal frequency response -5 max4355 toc44 frequency (mhz) normalized gain (db) -3 -1 10 -2-4 -6 2 r l = 1k a v = +1v/v a v = +2v/v 3 -7 0.1 1 10 100 1000 small-signal frequency response -5 max4355 toc45 frequency (mhz) normalized gain (db) -3 -1 10 -2-4 -6 2 r l = 1k a v = +1v/v a v = +2v/v 0.3 -0.7 0.1 1 10 100 1000 large-signal gain flatness -0.5 max4355 toc46 frequency (mhz) normalized gain (db) -0.3 -0.1 0.1 0 -0.2-0.4 -0.6 0.2 r l = 150 a v = +1v/v a v = +2v/v 0.3 -0.7 0.1 1 10 100 1000 large-signal gain flatness -0.5 max4355 toc47 frequency (mhz) normalized gain (db) -0.3 -0.1 0.1 0 -0.2-0.4 -0.6 0.2 r l = 1k a v = +1v/v a v = +2v/v 3 -7 0.1 1 10 100 1000 large-signal frequency response (a v = +1v/v) -5 max4355 toc48 frequency (mhz) normalized gain (db) -3 -1 10 -2-4 -6 2 c l = 15pf c l = 45pf c l = 30pf downloaded from: http:///
max4355 16 x 16 nonblocking video crosspoint switch with i/o buffers 20 ______________________________________________________________________________________ typical operating characteristics?ual supplies ?v (continued) (v cc = +3v and v ee = -3v, v dd = +3v, agnd = dgnd = 0, v in_ = 0, r l = 150 to agnd, and t a = +25 c, unless otherwise noted.) 3 -7 0.1 1 10 100 1000 large-signal frequency response (a v = +2v/v) -5 max4355 toc49 frequency (mhz) normalized gain (db) -3 -1 10 -2-4 -6 2 c l = 15pf c l = 45pf c l = 30pf 8 -8 0.1 1 10 100 1000 medium-signal frequency response (a v = +1v/v) max4355 toc50 frequency (mhz) normalized gain (db) -2 2 4 0 -4-6 6 c l = 30pf c l = 45pf c l = 15pf 6 -4 0.1 1 10 100 1000 medium-signal frequency response (a v = +2v/v) -2 max4355 toc51 frequency (mhz) normalized gain (db) 0 2 43 1 -1-3 5 c l = 45pf c l = 30pf c l = 15pf -40 -90 1k 1m 10m 100m 1g crosstalk vs. frequency -80 max4355 toc52 frequency (hz) crosstalk (db) -70 -60 -50-55 -65 -75 -85 -45 a v = +1v/v -30 -80 0.1 1 10 100 1000 crosstalk vs. frequency -70 max4355 toc53 frequency (mhz) crosstalk (db) -60 -50 -40-45 -55 -65 -75 -35 a v = +2v/v -10 -100 0.1 100 10 1 distortion vs. frequency -70 -90 -30 -50 0 -60 -80 -20 -40 max4355 toc54 frequency (mhz) distortion (dbc) a v = +1v/v 2nd harmonic 3rd harmonic -10 -100 0.1 100m 10m 1m distortion vs. frequency -70 -90 -30 -50 0 -60 -80 -20 -40 max4355 toc55 frequency (hz) crosstalk (dbc) a v = +2v/v 2nd harmonic 3rd harmonic 0.1 10 1 100 1000 enabled output impedance vs. frequency max4355 toc56 frequency (mhz) output impedance ( ) 1000 0.1 1 10 100 1m 1 0.1 10 100 1 1000 disabled output impedance vs. frequency max4355 toc57 frequency (mhz) output impedance ( ) 10 100 1k 10k 100k downloaded from: http:///
max4355 16 x 16 nonblocking video crosspoint switch with i/o buffers ______________________________________________________________________________________ 21 typical operating characteristics?ual supplies ?v (continued) (v cc = +3v and v ee = -3v, v dd = +3v, agnd = dgnd = 0, v in_ = 0, r l = 150 to agnd, and t a = +25 c, unless otherwise noted.) -40-50 -60 -70 -80 -90 -100-110 -120 100k 10m 100m 1m 1g off-isolation vs. frequency max4355 toc58 frequency (hz) off-isolation (db) -55-75 10k 100k 10m 100m power-supply rejection ratio vs. frequency -70 -65 -60 max4355 toc59 frequency (hz) psrr (db) 1m 1000 10 10 10k 100k 1m 100 1k 10m input voltage noise vs. frequency 100 max4355 toc60 frequency (hz) voltage noise (nv/ hz) large-signal pulse response (a v = +1v/v) max4355 toc61 output 0.5v/div input 1v/div 25ns/div large-signal pulse response (a v = +2v/v) max4355 toc62 output 0.5v/div input 0.5v/div 25ns/div medium-signal pulse response (a v = +1v/v) max4355 toc63 output 50mv/div input 100mv/div 25ns/div medium-signal pulse response (a v = +2v/v) max4355 toc64 output 50mv/div input 50mv/div 25ns/div switching time (a v = +1v/v) max4355 toc65 v out 500mv/div v update 3v/div 20ns/div switching time (a v = +2v/v) max4355 toc66 v out 1v/div v update 3v/div 20ns/div downloaded from: http:///
max4355 16 x 16 nonblocking video crosspoint switch with i/o buffers 22 ______________________________________________________________________________________ typical operating characteristics?ual supplies ?v (continued) (v cc = +3v and v ee = -3v, v dd = +3v, agnd = dgnd = 0, v in_ = 0, r l = 150 to agnd, and t a = +25 c, unless otherwise noted.) switching transient (glitch) max4355 toc67 (a v = +1v/v) v out 25mv/div v update 3v/div 20ns/div switching transient (glitch) max4355 toc68 (a v = +2v/v) v out 25mv/div v update 3v/div 20ns/div 50 0 150100 250200 300 -15 -11 -9 -7 -13 -5 -3 -1 1 3 5 offset voltage distribution max4355 toc69 offset voltage (mv) 0.05 0 -0.05 0.150.10 0.200.05 0 -0.05 0.150.10 0.20 0.25 10 30 40 50 20 60 70 80 90 100 differential gain and phase (r l = 150 ) max4355 toc70 ire differential gain (%) differential phase ( ) 0.02 0 -0.02 0.060.04 0.08 10 30 40 50 20 60 70 80 90 100 differential gain and phase (r l = 1k ) max4355 toc71 ire differential gain (%) differential phase ( ) -0.015-0.020 0 -0.010 0.005 0.010 large-signal pulse response with capacitive load (c l = 30pf, a v = +1v/v) max4355 toc72 output 500mv/div input 1v/div 25ns/div large-signal pulse response with capacitive load (c l = 30pf, a v = +2v/v) max4355 toc73 output 0.5v/div input 0.5v/div 25ns/div medium-signal pulse response with capacitive load (c l = 30pf, a v = +1v/v) max4355 toc74 output 50mv/div input 100mv/div 25ns/div medium-signal pulse response with capacitive load (c l = 30pf, a v = +2v/v) max4355 toc75 output 50mv/div input 50mv/div 25ns/div downloaded from: http:///
max4355 16 x 16 nonblocking video crosspoint switch with i/o buffers ______________________________________________________________________________________ 23 typical operating characteristics?ual supplies ?v (continued) (v cc = +3v and v ee = -3v, v dd = +3v, agnd = dgnd = 0, v in_ = 0, r l = 150 to agnd, and t a = +25 c, unless otherwise noted.) -50 0 -25 25 50 75 100 gain vs. temperature max4355 toc76 temperature ( c) normalized gain (db) -0.20 -0.15 -0.05-0.10 0.10 0.150.05 0.20 0 a v = +2v/v a v = +1v/v 1p 10n 1 100p 10p 1n 100n 10 100 max4355 toc77 10n 10 1 100n 100 1m 10m 100m 10 1 reset delay vs. reset capacitance reset delay (s) c reset (f) downloaded from: http:///
3 -7 100k 1m 10m 100m 1g large-signal frequency response -5 max4355 toc81 frequency (hz) normalized gain (db) -3 -1 10 -2-4 -6 2 r l = 1k max4355 16 x 16 nonblocking video crosspoint switch with i/o buffers 24 ______________________________________________________________________________________ typical operating characteristics?ingle supply +5v (v cc = +5v and v ee = 0, v dd = +5v, agnd = dgnd = 0, v in_ = 0, r l = 150 to agnd, a v = +1v/v, and t a = +25 c, unless otherwise noted.) 3 -7 0.1 1 10 100 1000 large-signal frequency response -5 max4355 toc78 frequency (mhz) normalized gain (db) -3 -1 10 -2-4 -6 2 r l = 150 3 -7 0.1 1 10 100 1000 medium-signal frequency response -5 max4355 toc79 frequency (mhz) normalized gain (db) -3 -1 10 -2-4 -6 2 r l = 150 3 -7 0.1 1 10 100 1000 small-signal frequency response -5 max4355 toc80 frequency (mhz) normalized gain (db) -3 -1 10 -2-4 -6 2 r l = 150 3 -7 100k 1m 10m 100m 1g medium-signal frequency response -5 max4355 toc82 frequency (hz) normalized gain (db) -3 -1 10 -2-4 -6 2 r l = 1k 3 -7 100k 1m 10m 100m 1g small-signal frequency response -5 max4355 toc83 frequency (hz) normalized gain (db) -3 -1 10 -2-4 -6 2 r l = 1k 0.3 -0.7 0.1 1 10 100 1000 large-signal gain flatness -0.5 max4355 toc84 frequency (mhz) normalized gain (db) -0.3 -0.1 0.1 0 -0.2-0.4 -0.6 0.2 r l = 150 0.3 -0.7 0.1 1 10 100 1000 large-signal gain flatness -0.5 max4355 toc85 frequency (mhz) normalized gain (db) -0.3 -0.1 0.1 0 -0.2-0.4 -0.6 0.2 r l = 1k 3 -7 0.1 1 10 100 1000 large-signal frequency response -5 max4355 toc86 frequency (mhz) normalized gain (db) -3 -1 10 -2-4 -6 2 c l = 15pf c l = 45pf c l = 30pf downloaded from: http:///
max4355 16 x 16 nonblocking video crosspoint switch with i/o buffers ______________________________________________________________________________________ 25 typical operating characteristics?ingle supply +5v (continued) (v cc = +5v and v ee = 0, v dd = +5v, agnd = dgnd = 0, v in_ = 0, r l = 150 to agnd, a v = +1v/v, and t a = +25 c, unless otherwise noted.) 7 -7 100k 1m 10m 100m 1g medium-signal frequency response max4355 toc87 frequency (hz) normalized gain (db) -1 1 3 -3-5 5 c l = 15pf c l = 45pf c l = 30pf -50 -100 100k 1m 10m 100m 1g crosstalk vs. frequency -90 max4355 toc88 frequency (mhz) crosstalk (db) -80 -70 -60-65 -75 -85 -95 -55 0 -100 0.1 1 10 100 distortion vs. frequency -80 max4355 toc89 frequency (mhz) distortion ( ) -60 -40 -20-30 -50 -70 -90 -10 2nd harmonic 3rd harmonic 0.1 10 1 100 1000 enabled output impedance vs. frequency max4355 toc90 frequency (mhz) output impedance ( ) 1k 0.1 1 10 100 1m 1 100k 10m 100m 1m 1g max4355 toc91 frequency (hz) output impedance ( ) 10 100 1k 10k 100k disabled output impedance vs. frequency -40-50 -60 -70 -80 -90 -100-110 -120 100k 10m 100m 1m 1g max4355 toc92 frequency (hz) off-isolation (db) off-isolation vs. frequency 10k 1m 100k 10m 100m power-supply rejection ratio vs. frequency max4355 toc93 frequency (hz) psrr (db) -75 -70 -60-65 -55 -50 1000 1 10 10k 100k 1m 100 1k 10m input voltage noise vs. frequency 100 max4355 toc94 frequency (hz) voltage noise (nv/ hz) large-signal pulse response max4355 toc95 25ns/div input 1v/div output 0.5v/div downloaded from: http:///
max4355 16 x 16 nonblocking video crosspoint switch with i/o buffers 26 ______________________________________________________________________________________ typical operating characteristics?ingle supply +5v (continued) (v cc = +5v and v ee = 0, v dd = +5v, agnd = dgnd = 0, v in_ = 0, r l = 150 to agnd, a v = +1v/v, and t a = +25 c, unless otherwise noted.) medium-signal pulse response max4355 toc96 25ns/div input 100mv/div output 50mv/div switching time max4355 toc97 20ns/div v update 5v/div v out 500mv/div switching transient (glitch) max4355 toc98 20ns/div v update 5v/div v out 25mv/div 0 50 150100 200 250 -20 -16 -14 -12 -18 -10 -8 -6 -4 -2 0 offset voltage histogram max4355 toc99 offset voltage (mv) -0.1 0102030405060708090100 0102030405060708090100 differential gain and phase (r l = 150 ) 0 0.200.10 0 -0.10 0.1 0.2 0.30 0.3 ire differential phase ( ) differential gain (%) max4355 toc100 -0.02 0102030405060708090100 0102030405060708090100 differential gain and phase (r l = 1k ) 0 0.10 0 -0.10-0.20 0.02 0.04 0.20 0.06 ire differential phase ( ) differential gain (%) max4355 toc101 downloaded from: http:///
max4355 16 x 16 nonblocking video crosspoint switch with i/o buffers ______________________________________________________________________________________ 27 large-signal pulse response with capacitive load (c l = 30pf) max4355 toc102 25ns/div input 1v/div output 0.5v/div medium-signal pulse response with capacitive load (c l = 30pf) max4355 toc103 25ns/div input 100mv/div output 50mv/div -0.20 -0.15 -0.10 -0.05 0 0.05 0.10 0.15 0.20 -50 0 -25 25 50 75 100 gain vs. temperature max4355 toc104 temperature ( c) normalized gain (db) 1p 10n 1 100p 10p 1n 100n 10 100 max4355 toc105 10n 10 1 100n 100 1m 10m 100m 10 1 reset delay (s) c reset (f) reset delay vs. reset capacitance typical operating characteristics?ingle supply +5v (continued) (v cc = +5v and v ee = 0, v dd = +5v, agnd = dgnd = 0, v in_ = 0, r l = 150 to agnd, a v = +1v/v, and t a = +25 c, unless otherwise noted.) downloaded from: http:///
max4355 16 x 16 nonblocking video crosspoint switch with i/o buffers 28 ______________________________________________________________________________________ pin description pin name function 1, 3, 5, 7, 9, 11, 13, 15, 17, 19, 21, 23 in4 in15 buffered analog inputs 2, 4, 6, 8, 10, 12, 14, 16, 45, 46, 82, 83, 84, 91, 93, 95, 97 agnd analog ground 18, 20, 22, 24 a3 a0 address programming inputs. connect to dgnd or v dd to select the address for individual output address mode (see table 3). 25, 47, 51, 55, 59, 63, 67, 71, 75, 81 v cc positive analog supply. bypass each pin with a 0.1? capacitor to agnd.connect a single 10? capacitor from one v cc pin to agnd. 26, 27, 38 44, 76, 77, 85 89, 99, 100 n.c. no connection. not internally connected. connect to agnd. 28 dout serial data output. in complete matrix mode, data is clocked through the 96-bitmatrix control shift register. in individual output address mode, data at din passes directly to dout. 29 dgnd digital ground 30 aout address recognition output. aout drives low after successful chip address recognition. 31 sclk serial clock input 32 ce clock enable input. drive low to enable the serial data interface. 33 mode serial interface mode select input. drive high for complete matrix mode (mode1) or drive low for individual output address mode (mode 0). 34 reset asynchronous reset input/output. drive reset low to initiate hardware reset. all matrix settings are set to power up defaults and all analog outputs are disabled.additional power-on-reset delay may be set by connecting a small capacitor fro m reset to dgnd. 35 update update input. drive update low to transfer data from mode registers to the switch matrix. 36 din serial data input. data is clocked in on the falling edge of sclk. 37 v dd digital logic supply. bypass v dd with a 0.1? capacitor to dgnd. 48, 50, 52, 54, 56, 58,60, 62, 64, 66, 68, 70, 72, 74, 78, 80 out15 out0 buffered analog outputs. gain is individually programmable for a v = +1v/v or a v = +2v/v through the serial interface. outputs may be individually disabled (high impedance). on power-up, or assertion of reset , all outputs are disabled. 49, 53, 57, 61, 65, 69, 73, 79, 98 v ee negative analog supply. bypass each pin with a 0.1? capacitor to agnd.connect a single 10? capacitor from one v ee pin to agnd. 90, 92, 94, 96 in0 in3 buffered analog inputs downloaded from: http:///
max4355 16 x 16 nonblocking video crosspoint switch with i/o buffers ______________________________________________________________________________________ 29 detailed description the max4355 is a highly integrated 16 ? 16 nonblock- ing video crosspoint switch matrix. all inputs and out-puts are buffered, with all outputs able to drive standard 75 reverse-terminated video loads. a 3-wire interface programs the switch matrix and ini-tializes with a single update signal. the unique serial interface operates in one of two modes: complete matrix mode (mode 1) or individual output address mode (mode 0). in the functional diagram, the signal path of the max4355 is from the inputs (in0 in15), through the switching matrix, buffered by the output amplifiers, andpresented at the output terminals (out0 out15). the other functional blocks are the serial interface and con-trol logic. each of the functional blocks is described in detail below. analog outputs the max4355 outputs are high-speed voltage feed-back amplifiers capable of driving 150 (75 back-ter- minated) loads. the gain, a v = +1v/v or +2v/v, is selectable through programming bit 4 of the serial con-trol word. amplifier compensation is automatically opti- mized to maximize the bandwidth for each gain selec-tion. each output can be individually enabled and dis- abled through bit 5 of the serial control word. when disabled, the output is high impedance, presenting typ- ically a 4k load, and 3pf output capacitance, allowing multiple outputs to be connected together in buildinglarge arrays. on power-up (or asynchronous reset ), all outputs are initialized in the disabled state to avoidoutput conflicts in large-array configurations. the pro- gramming and operation of the max4355 is output referred. outputs are configured individually to connect to any one of the 16 analog inputs, programmed to the desired gain (a v = +1v/v or +2v/v), or disabled in a high-impedance state. analog inputs the max4355 offers 16 analog input channels. eachinput is buffered before the crosspoint switch matrix, allowing one input to cross-connect to up to 16 outputs. the input buffers are voltage feedback amplifiers with high-input impedance and low-input bias current. this allows the use of very simple input clamp circuits. max4355 16 x 16 switch matrix power-on reset serial interface thermal shutdown decode logic disable all outputs latches 256 16 16 matrix register 96 bits update register 16 bits enable/disable a v * a v * a v * a v * *a v = +1v/v or +2v/v a0?3 mode in0in1 in2 in15 din sclk update ce reset out0out1 out2 out15 v cc v ee dgnd v dd doutaout agnd functional diagram downloaded from: http:///
max4355 16 x 16 nonblocking video crosspoint switch with i/o buffers 30 ______________________________________________________________________________________ switch matrix the max4355 has 256 individual t-switches making a16 x 16 switch matrix. the switching matrix is 100% nonblocking, which means that any input may be rout- ed to any output. the switch matrix programming is output referred. each output may be connected to any one of the 16 analog inputs. any one input can be rout- ed to all 16 outputs with no signal degradation. digital interface the digital interface consists of the following pins: din,dout, sclk, aout , update , ce , a3 a0, mode, and reset . din is the serial data input; dout is the serial data output. sclk is the serial data clock that clocksdata into the data input registers (figure 2). data at din is loaded at each falling edge of sclk. dout is the data shifted out of the 96-bit complete matrix mode (mode = 1). din passes directly to dout when in individual output address mode (mode = 0). the falling edge of update latches the data and pro- grams the matrix. when using individual outputaddress mode, the address recognition output aout drives low when control word bits d13 to d10 matchthe address programming inputs (a3 a0) and update is low. table 1 is the operation truth table. programming the matrix the max4355 offers two programming modes:individual output address mode and complete matrix mode. these two distinct programming modes are selected by toggling a single mode pin high or low. both modes operate with the same physical board lay- out. this flexibility allows initial programming of the ic by daisy-chaining and sending one long data word while still being able to address immediately and update individual outputs in the matrix. individual output address mode (mode = 0) drive mode to logic low to select mode 0. individualoutputs are programmed through the serial interface ce update sclk din dout mode aout reset operation/comments 1 x x x x x x 1 no change in logic. 01 d i d i-96 11 1 data at din is clocked on the negativeedge of the sclk into the 96-bit complete matrix mode register. dout supplies original data in 96 sclk pulses later. 00xxx111 data in the serial 96-bit completematrix mode register is transferred into parallel latches that control the switching matrix. 01 d i d i 01 1 data at din is routed to the individualoutput address mode shift register. din is also connected directly to dout so that all devices on the serial bus may be addressed in parallel. 00xd i d i 00 1 the 4-bit chip address a 3 to a 0 is compared to d 13 to d 10 . if equal, the remaining 10 bits in the individualoutput address mode register are decoded, allowing reprogramming for a single output. aout signals a successful individual matrix update. x x xxxxx 0 asynchronous reset. all outputs aredisabled. other logic remains unchanged. table 1. operation truth table downloaded from: http:///
max4355 16 x 16 nonblocking video crosspoint switch with i/o buffers ______________________________________________________________________________________ 31 with a single 16-bit control word. the control word con-sists of two don t care msbs, the chip address bits, out- put address bits, an output enable/disable bit, anoutput gain-set bit, and input address bits (tables 2 through 6, and figure 2). in mode 0, data at din passes directly to dout through the data routing gate (figure 3). in this configu- ration, the 16-bit control word is simultaneously sent to all chips in an array of up to 16 addresses. complete matrix mode (mode = 1) drive mode to logic high to select mode 1. a single96-bit control word consisting of sixteen 6-bit control words programs all outputs. the 96-bit control word s first 6-bit control word (msbs) programs output 15, andthe last 6-bit control word (lsbs) programs output 0 (table 7 and figures 4 and 5). data clocked into the 96-bit complete matrix mode register is latched on the falling edge of update , and the outputs are immedi- ately updated. initialization string the complete matrix mode (mode = 1) is convenient touse to program the matrix at power-up. in a large matrix consisting of many max4355 devices, all the devices can be programmed by sending a single bit stream equal to n x 96 bits, where n is the number of max4355 devices on the bus. the first 96-bit data word programs the last max4355 in line (see matrix programming section ). reset the max4355 features an asynchronous bidirectionalreset with an internal 20k pullup resistor to v dd . when reset is pulled low, either by internal circuitry, or driven externally, the analog output buffers arelatched into a high-impedance state. after reset is bit name function 0 (lsb) input address 0 lsb of input channelselect address 1 input address 1 2 input address 2 3 input address 3 msb of input channelselect address 4 gain set gain select for outputbuffer, 0 = gain of +1v/v, 1 = gain of +2v/v 5 output enable enable bit for output, 0 =disable, 1 = enable 6 output address b0 lsb of output bufferaddress 7 output address b1 8 output address b2 9 output address b3 msb of output bufferaddress 10 ic address a0 lsb of selected chipaddress 11 ic address a1 12 ic address a2 13 ic address a3 msb of selected chipaddress 14 x don t care 15 (msb) x don t care table 2. 16-bit serial control word bitassignments (mode 0: individual output address mode) ic address bit address a3 (msb) a2 a1 a0 (lsb) chip address (hex) chip address (decimal) 0 0 0 0 0h 0 0 0 0 1 1h 1 0 0 1 0 2h 2 0 0 1 1 3h 3 0 1 0 0 4h 4 0 1 0 1 5h 5 0 1 1 0 6h 6 0 1 1 1 7h 7 1 0 0 0 8h 8 1 0 0 1 9h 9 1 0 1 0 ah 10 1 0 1 1 bh 11 1 1 0 0 ch 12 1 1 0 1 dh 13 1 1 1 0 eh 14 1 1 1 1 fh 15 table 3. chip address programming for16-bit control word (mode 0: individual output address mode) downloaded from: http:///
max4355 16 x 16 nonblocking video crosspoint switch with i/o buffers 32 ______________________________________________________________________________________ ic address = 5 output address = 3 output (i) enabled, a v = +1v/v, connected to input 12 example of 16-bitserial control word for output control in individual output address mode 16-bit individual output address mode:first 2 bits are don't care bits, last 14 bits clocked into din when mode = 0 create address word; ic address a3?0 is compared to din 13 ?in 10 when update is low; if equal, addressed output is updated. don't care xdon't care x output address b3output address b2 output address b1 output address b0 output enabled gain set = +1v/v input address 3 (msb) = 1 input address 0 (lsb) = 0 input address 2 = 1input address 1 = 0 ic address a3ic address a2 ic address a1 ic address a0 updatemode sclk din t sumd t hdmd figure 2. mode 0: individual output address mode timing and programming example pin address a3 a2 a1 a0 c h ip a d dr ess ( h ex) c h ip a d dr ess ( d ec im al ) d gnd d gnd d gnd d gnd 0h 0 d gnd d gnd d gnd v d d 1h 1 d gnd d gnd v d d d gnd 2h 2 d gnd d gnd v d d v d d 3h 3 d gnd v d d d gnd d gnd 4h 4 d gnd v d d d gnd v d d 5h 5 d gnd v d d v d d d gnd 6h 6 d gnd v d d v d d v d d 7h 7 v d d d gnd d gnd d gnd 8h 8 v d d d gnd d gnd v d d 9h 9 v d d d gnd v d d d gnd ah 10 v d d d gnd v d d v d d bh 11 v d d v d d d gnd d gnd ch 12 v d d v d d d gnd v d d dh 13 v d d v d d v d d d gnd eh 14 v d d v d d v d d v d d fh 15 table 4. chip address a3 a0 pin programming output address bit b3 (msb) b2 b1 b0 (lsb) selected output 0000 0 0001 1 0010 2 0011 3 0100 4 0101 5 0110 6 0111 7 1000 8 1001 9 1010 1 0 1011 1 1 1100 1 2 1101 1 3 1110 1 4 1111 1 5 table 5. output selection programming downloaded from: http:///
max4355 16 x 16 nonblocking video crosspoint switch with i/o buffers ______________________________________________________________________________________ 33 sclk a0?3 chip address 4 4 a s mode mode mode aout dout b data routing gate 16-bit individual output address mode register 96-bit complete matrix mode register 96-bit parallel latch switch decode switch matrix output enable output address decode mode ce sclk mode din ce 1010 1 7 7 96 96 96 update en 256 16 figure 3. serial interface block diagram input address bit b3 (msb) b2 b1 b0 (lsb) selected input 0000 0 0001 1 0010 2 0011 3 0100 4 0101 5 0110 6 0111 7 1000 8 1001 9 1010 1 0 1011 1 1 1100 1 2 1101 1 3 1110 1 4 1111 1 5 table 6. input selection programming bit name function 5 (msb) output enable enable bit for output,0 = disable, 1 = enable 4 gain set gain select for output buffer, 0 =gain of +1v/v, 1 = gain of +2v/v 3 input address 3 msb of input channel selectaddress 2 input address 2 1 input address 1 0 (lsb) input address 0 lsb of input channel selectaddress table 7. 6-bit serial control word bitassignments (mode 1: complete matrix mode) downloaded from: http:///
max4355 16 x 16 nonblocking video crosspoint switch with i/o buffers 34 ______________________________________________________________________________________ 00 out0 out1 out2 update 1 mode 1 most-significant output buffer control bits are shifted in first, i.e., out15, then out14, etc.last 6 bits shifted in prior to update negative edge program out0. din 6-bit control word figure 5. mode 1: complete matrix mode programming sclk t mnlck t sudi t hddi t pddo t suhud t mnlud next control word t mnhck updatedout example of 6-bit serial control word for output control 16 x 16 crosspoint = 6-bit control word sclkdin output (i) enabled, a v = +1v/v, connected to input 14 output enabled input address 3 (msb) = 1 input address 2 = 1input address 1 = 1 input address 0 (lsb) = 0 gain set = +1v/v din figure 4. 6-bit control word and programming example (mode 1: complete matrix mode programming) downloaded from: http:///
max4355 16 x 16 nonblocking video crosspoint switch with i/o buffers ______________________________________________________________________________________ 35 released, the output buffers remain disabled. the out-puts may be enabled by sending a new 96-bit data word or a 16-bit individual output address word. a reset is initiated from any of three sources. reset can be driven low by external circuitry to initiate a reset, orreset can be pulled low by internal circuitry during power-up (power-on reset) or thermal shutdown. since driving reset low only clears the output buffer enable bit in the matrix control latches, reset can be used to disable all outputs simultaneously. if no newdata has been loaded into the 96-bit complete matrix mode register, a single update restores the previous matrix control settings. power-on reset the power-on reset ensures all output buffers are in adisabled state when power is initially applied. a v dd voltage comparator generates the power-on reset.when the voltage at v dd is less than 2.5v, the power- on-reset comparator pulls reset low through internal circuitry. as the digital supply voltage ramps up cross-ing 2.5v, the max4355 holds reset low for 40ns (typ). connecting a small capacitor from reset to dgnd extends the power-on-reset delay. see reset delay vs. reset capacitance in the typical operating characteristics. thermal shutdown the max4355 features thermal shutdown protectionwith temperature hysteresis. when the die temperature exceeds +150 c, the max4355 pulls reset low, dis- abling the output buffers. when the die cools by 20 c, the reset pulldown is deasserted, and output buffers remain disabled until the device is programmed again. applications information building large video-switching systems the max4355 can be easily used to create largerswitching matrices. the number of ics required to implement the matrix is a function of the number of input channels, the number of outputs required, and whether the array needs to be nonblocking. the most straightforward technique for implementing nonblock- ing matrices is to arrange the building blocks in a grid. the inputs connect to each vertical bank of devices in parallel with the other banks. the outputs of each build- ing block in a vertical column connect together in a wired-or configuration. figure 6 shows a 128-input, 32-output, nonblocking array using the max4355 16 x 16 crosspoint devices. the wired-or connection of the outputs shown in the diagram is possible because the outputs of the ic devices can be placed in a disabled or high-imped- ance output state. this disable state of the outputbuffers is designed for a maximum impedance vs. fre- quency while maintaining a low-output capacitance. these characteristics minimize the adverse loading effects from the disabled outputs. larger arrays are constructed by extending this connection technique to more devices. driving a capacitive load figure 6 shows an implementation requiring many out-puts to be wired together. this creates a situation where each output buffer sees not only the normal load impedance, but also the disabled impedance of all the other outputs. this impedance has a resistive and a capacitive component. the resistive components reduce the total effective load for the driving output. total capacitance is the sum of the capacitance of all the disabled outputs and is a function of the size of the matrix. also, as the size of the matrix increases, the length of the pc board traces increases, adding more capacitance. the output buffers have been designed to drive more than 30pf of capacitance while still main- taining a good ac response. depending on the size of the array, the capacitance seen by the output can exceed this amount. there are several ways to improve the situation. the first is to use more building-block crosspoint devices to reduce the number of outputs that need to be wired together (figure 7). in figure 7, the additional devices are placed in a sec- ond bank to multiplex the signals. this reduces the number of wired-or connections. another solution is to put a small resistor in series with the output before the capacitive load to limit excessive ringing and oscilla- tions. figure 8 shows the graph of the optimal isolation resistor vs. capacitive load. a lowpass filter is created from the series resistor and parasitic capacitance to ground. a single r-c does not affect the performance at video frequencies, but in a very large system there may be many r-cs cascaded in series. the cumulative effect is a slight rolling off of the high frequencies caus- ing a "softening" of the picture. there are two solutions to achieve higher performance. one way is to design the pc board traces associated with the outputs such that they exhibit some inductance. by routing the traces in a repeating "s" configuration, the traces that are nearest each other exhibit a mutual inductance increas- ing the total inductance. this series inductance causes the amplitude response to increase or peak at higher frequencies, offsetting the rolloff from the parasitic capacitance. another solution is to add a small-value inductor to the output. downloaded from: http:///
max4355 36 ______________________________________________________________________________________ crosstalk signal and board routing issues improper signal routing causes performance problemssuch as crosstalk. the max4355 has a typical crosstalk rejection of -62db at 6mhz. a bad pc board layout degrades the crosstalk rejection by 20db or more. to achieve the best crosstalk performance: 1) place ground isolation between long critical sig-nal pc board trace runs. these traces act as a shield to potential interfering signals. crosstalk canbe degraded by parallel traces as well as directly above and below on adjoining pc board layers. 2) maintain controlled-impedance traces. design as many of the pc board traces as possible to be 75 transmission lines. this lowers the impedance of thetraces, reducing a potential source of crosstalk. more power is dissipated due to the output buffer driving a lower impedance. 3) minimize ground-current interaction by using agood ground plane strategy. in addition to crosstalk, another key issue of concern isisolation. isolation is the rejection of undesirable feed- through from input to output with the output disabled. the max4355 achieves a -110db isolation at 6mhz by selecting the pinout configuration such that the inputs and outputs are on opposite sides of the package. coupling through the power supply is a function of the quality and location of the supply bypassing. use appropriate low-impedance components and locate them as close as possible to the ic. avoid routing the inputs near the outputs. power-supply bypassing the max4355 operates from a single +5v or dual ?vto ?v supplies. for single-supply operation, connect all v ee pins to ground and bypass all power-supply pins with a 0.1? capacitor to ground. for dual-supplysystems, bypass all supply pins to ground with 0.1? capacitors. power in large systems the max4355 has been designed to operate with splitsupplies down to ?v or a single supply of +5v. operating at the minimum supply voltages reduces the figure 7. 64 x 16 nonblocking matrix with reduced capacitiveloading in (0?5) in (16?1) in (32?7)in (48?3) outputs (0?5) outputs (16?2) 16in 16 out 16in 16 out 16in 16 out 16in 16 out 16in 16 out 16in 16 out 16in 16 out 16in 16 out 16in 16 out 16in 16 out 16in 16 out 16in 16 out 16in 16 out 16in 16 out 16in 16 out 16in 16 out in (64?9) in (80 95) in (96?11) in (112?27) max4355 max4355 max4355 max4355 max4355 max4355 max4355 max4355 max4355 max4355 max4355 max4355 max4355 max4355 max4355 max4355 figure 6. 128 x 32 nonblocking matrix using 16 x 16 crosspoint devices in (0?5) in (16?1) in (32?7)in (48?3) outputs (0?5) 16in 16 out 16in 16 out 16in 16 out 16in 16 out 16in 16 out max4355 max4355 max4355 max4355 max4355 16in 16 out max4355 16 x 16 nonblocking video crosspoint switch with i/o buffers downloaded from: http:///
max4355 16 x 16 nonblocking video crosspoint switch with i/o buffers ______________________________________________________________________________________ 37 power dissipation by as much 40% to 50%. at +5v, themax4355 consumes 195mw (0.76mw/point). driving a pc board interconnect or a cable (a v = +1v/v or +2v/v) the max4355 output buffers can be programmed toeither a v = +1v/v or +2v/v. the +1v/v configuration is typically used when driving a short-length (less than3cm), high-impedance "local" pc board trace. to drive a cable or a 75 transmission line trace, program the gain of the output buffer to +2v/v and place a 75 resistor in series with the output. the series terminationresistor and the 75 load impedance act as a voltage- divider that divides the video signal in half. set the gainto +2v/v to transmit a standard 1v video signal down a cable. the series 75 resistor is called the back-match, reverse termination, or series termination. this 75 resistor reduces reflections, and provides isolation,increasing the output-capacitive-driving capability. matrix programming the max4355 s unique digital interface simplifies pro- gramming multiple max4355 devices in an array.multiple devices are connected with dout of the first device connecting to din of the second device, and so on (figure 9). two distinct programming modes, indi- vidual output address mode (mode = 0) and complete matrix mode (mode = 1), are selected by toggling a single mode control pin high or low. both modes oper- ate with the same physical board layout. this allows ini- tial programming of the ic by daisy-chaining and sending one long data word while still being able to address immediately and update individual locations in the matrix. individual output address mode (mode 0) in individual output address mode, the devices areconnected in a serial bus configuration, with the data routing gate (figure 3) connecting din to dout, mak- ing each device a virtual node on the serial bus. a sin- gle 16-bit control word is sent to all devices simultaneously. only the device with the corresponding chip address responds to the programming word, and updates its output. in this mode, the chip address is set through hardware pin strapping of a3 a0. the host then communicates with the device by sending a 16-bitword consisting of 2 don t care msb bits, 4 chip address bits, and 10 bits of data to make the wordexactly 2 bytes in length. the 10 data bits are broken down into 4 bits to select the output to be programmed; 1 bit to set the output enable; 1 bit to set gain; and 4 bits to select the input to be connected to that output. in this method, the matrix is programmed one output at a time. complete matrix mode (mode 1) in complete matrix mode, the devices are connected ina daisy-chain fashion where n x 96 bits are sent to pro- gram the entire matrix, and where n = the number of max4355 devices connected in series. this long data word is structured such that the first bit is the lsb of the last device in the chain and the last data bit is the msb of the first device in the chain. the total length of the data word is equal to the number of crosspoint devices to be programmed in series times 96 bits per crosspoint device. this programming method is most often used at startup to initially configure the switching matrix. +5v single-supply operation with a v = +1v/v and +2v/v the max4355 guarantees operation with single +5vsupply and gain of +1v/v for standard video input sig- nals (1vp-p). to implement a complete video matrix switching system capable of gain = +2v/v while operat- ing with +5v single supply, combine the max4355 crosspoint switch with maxim s low-cost, high-perfor- mance video amplifiers optimized for single +5v supplyoperation (figure 10). the max4450 single and max4451 dual op amps are unity-gain-stable devices that combine high-speed performance with rail-to- rail outputs. the common-mode input voltage range extends beyond the negative power-supply rail (groundin single-supply applications). the max4450 is avail- able in the ultra-small 5-pin sc70 package, while the max4451 is available in a space-saving 8-pin sot23. the max4383 is a quad op amp available in a 14-pin 0 10 5 2015 25 30 0 500 optimal isolation resistance vs. capacitive load capacitive load (pf) isolation resistance ( ) 200 100 300 400 figure 8. optimal isolation resistor vs. capacitive load rail-to-rail is a registered trademark of nippon motorola, ltd. downloaded from: http:///
max4355 16 x 16 nonblocking video crosspoint switch with i/o buffers 38 ______________________________________________________________________________________ host controller dinsclk ce mode update dout chip address = 0 chip address = 1 virtual serial bus (mode 0: individual output address mode) chip address = 2 a3a2 a1 a0 max4355 dinsclk ce mode update dout a3 v dd a2a1 a0 max4355 dinsclk ce mode update dout next device a3a2 a1 a0 max4355 v dd figure 9. matrix mode programming tssop package. the max4380/max4381/max4382and max4384 offer individual high-impedance output disable making these amplifiers suitable for wired-or connections. u2 +5v +5v gnd v ee v cc out0out1 out15 in0in1 in15 1vp-p 2vp-p monitor 0 75 500 u2 = max4450 or 1/4 max4383 500 75 z 0 = 75 220 f max4355 figure 10. typical single +5v supply application chip information transistor count: 24,467process: bicmos downloaded from: http:///
max4355 16 x 16 nonblocking video crosspoint switch with i/o buffers ______________________________________________________________________________________ 39 top view max4355 tqfp 100 9998 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76 3132 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 7574 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 12 3 4 5 6 7 8 9 1011 12 13 14 15 16 17 18 19 20 21 22 23 24 25 in4 agnd in5 agnd in6 agnd in7 agnd in8 agnd in9 agnd in10 agnd in11 agnd in12 a3 in13 a2 in14 a1 in15 a0 v cc v cc out2v ee out3v cc out4v ee out5v cc out6v ee out7v cc out8v ee out9v cc out10v ee out11v cc out12v ee out13v cc 2627 28 29 30 n.c.n.c. dout dgnd aout sclk ce mode reset update din v dd n.c.n.c. n.c. n.c. n.c. n.c. n.c. agndagnd v cc out15 v ee out14 n.c.n.c. v ee agndin3 agnd in2 agnd in1 agnd in0 n.c. n.c. n.c. n.c. n.c. agnd agnd agnd v cc out0v ee out1n.c. n.c. pin configuration downloaded from: http:///
max4355 16 x 16 nonblocking video crosspoint switch with i/o buffers maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim product. no circuit patent licenses are implied. maxim reserves the right to change the circuitry and specifications without notice at any time. 40 ____________________maxim integrated products, 120 san gabriel drive, sunnyvale, ca 94086 408-737-7600 2001 maxim integrated products printed usa is a registered trademark of maxim integrated products. package information 100l,tqfp.eps downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of MAX4355ECQ-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X